PART |
Description |
Maker |
AFBR-53D5EZ AFBR-53D5FZ AFBR-53D5Z |
850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
|
AVAGO TECHNOLOGIES LIMITED
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
PL-SXX-00-S20-CX |
850 nm 2.5 G VCSEL TOSA
|
JDS Uniphase Corporation
|
PL-VD0-00-S20-C0 |
850 nm 2.5 G VCSEL Die
|
JDS Uniphase Corporation
|
V23826-K305-C363 V23826-K305-C353 V23826-K305-C373 |
Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver 多模850纳米1.0625 Gbit / s的光纤通道1.3千兆以太网收发器1x9
|
Infineon Technologies AG
|
ICS9159-05 ICS9159M-05 ICS9159N-05 |
Frequency Generator for Pentium⑩/OPTi VIPER Systems Frequency Generator for Pentium/OPTi VIPER Systems Frequency Generator for Pentium?OPTi VIPER Systems
|
ICST[Integrated Circuit Systems]
|
P21BN300MA4282 |
Opti - Cap
|
Dielectric Laboratories...
|
HFBR-53A3VEM HFBR-53A3VFM |
3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield. Metalized Housing 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield. Metalized Housing
|
http://
|
FZD3-3M1 FXD3-3M1Y FZE10-10M1 |
Opti-Core 10Gig 50/125um (OM3/OM4) Patch Cords and Pigtails
|
PANDUIT CORP.
|
HDMP-1512 HDMP-1514 |
Fibre Channel Transmitter Chipset(光纤通道传送芯 Fibre Channel Receiver Chipset(光纤通道接收芯片)
|
Agilent(Hewlett-Packard)
|
HFBR-0563 HFBR-0565 HFCT-5910E HFBR-5910E |
1063 Mbit/s MMF (500m) Small Form Factor (SFF) Transceiver for Fibre Channel/Storage Applicatons 1063兆比秒的光纤通道/存储Applicatons MMF组(500米),小尺寸(SFF)的收发 Evaluation Kit for MT-RJ Fibre Channel (063) Multimode and Singlemode Applications HFBR-5910E · 1063 Mbit/s MMF (500m) Small Form Factor (SFF) Transceiver for Fibre Channel/Storage Applications HFCT-5910E · 1063 Mbit/s SMF (10km) Small Form Factor (SFF)Transceiver for Fibre Channel/Storage Applications HFBR-0565 · Evaluation Kit for MT-RJ Fibre Channel (<1063) Multimode and Singlemode Applications HFBR-0563 · Evaluation Kit for MT-RJ Fibre Channel Multimode Applications
|
Citizen Finetech Miyota Agilent (Hewlett-Packard)
|